PART |
Description |
Maker |
PCI9052G |
32-bit, 33MHz PCI Target I/O Accelerator for 32-bit, 40MHz Generic and ISA Local Bus Designs PCI BUS CONTROLLER, PQFP160
|
PLX Technology, Inc.
|
QL5232-33APQ208C QL5232-33APQ208I QL5232-33APQ208M |
33MHz/32-bit PCI master/target with embedded programmable logic and dual port SRAM.
|
QuickLogic
|
QL5432-33APQ208C QL5432-33APQ208I QL5432-33APB456I |
33MHz/32-bit PCI master/target with embedded programmable logic and dual port SRAM. ASIC
|
QuickLogic
|
AT76C506 |
AT76C506 single-chip MAC and Baseband with low power ARM7TDMIRISC processor, PCI Bus Interface (compliant with PCI v2.2 and PCI Power Management Specification v1.1), integrated 6K x 32-bit Internal SRAM, 160-pin CABGA Package, 3.3V opera
|
Atmel
|
HSP48410 |
Histogrammer/Accumulating Buffer, 10-Bit Pixel Data, 4Kx4K Frame Sizes, 33MHz
|
Intersil
|
PCI6350-AA66PC PCI6350-AA66BC PCI6350-AA66BCG PCI6 |
Asynchronous 32-bit PCI-to-PCI Bridge
|
PLX Technology
|
PEX8114-AA13BI |
ExpressLanePCI Express-to-PCI/PCI-X Bridge 的ExpressLane⑩的PCI Express-to-PCI/PCI-X ExpressLane??PCI Express-to-PCI/PCI-X Bridge
|
Electronic Theatre Controls, Inc.
|
PCI6466-CB66BI PCI6466-CB66BIG PCI6466 |
Dual-Mode (Transparent & Non-Transparent) Universal FastLane?/a> 64-bit, 66MHz PCI-to-PCI Bridge Dual-Mode (Transparent & Non-Transparent) Universal FastLane 64-bit, 66MHz PCI-to-PCI Bridge Dual-Mode (Transparent & Non-Transparent) Universal FastLane⑩ 64-bit, 66MHz PCI-to-PCI Bridge
|
PLX Technology
|
PCM-261L-B0A1E PCM-200-00A2E PCM-110-00A3E PCM-110 |
LVDS/TTL to DVI Module PCI-104 to PCI Bus Module 1-Slot PCI Riser Card for 5.25 Biscuit SBCs
|
Advantech Co., Ltd.
|
W89C940 W89C940F |
ELANC-PCI (TWISTED-PAIR ETHER-LAN CONTROLLER WITH PCI INTERFACE) PCI Ethernet Controller
|
Winbond Electronics
|
HSD16M64B8A HMD16M64B8A-10 HMD16M64B8A-10L HMD16M6 |
The HSD16M64B8A is a 16M x 64 bit Synchronous Dynamic RAM high density memory module. Synchronous DRAM Module 128Mbyte (16Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
|
List of Unclassifed Manufacturers ETC Hanbit Electronics Co.,Ltd
|